Part Number Hot Search : 
UMG4NTR 7039A 012R2 M082B1 SP8630B GS864218 HZM68FA 112U0
Product Description
Full Text Search
 

To Download MMA2202D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MMA2202D/D
Surface Mount Micromachined Accelerometer
The MMA series of silicon capacitive, micromachined accelerometers features signal conditioning, a 4-pole low pass filter and temperature compensation. Zero-g offset full scale span and filter cut-off are factory set and require no external devices. A full system self-test capability verifies system functionality. Features * Integral Signal Conditioning * Linear Output * Ratiometric Performance * 4th Order Bessel Filter Preserves Pulse Shape Integrity * Calibrated Self-test * Low Voltage Detect, Clock Monitor, and EPROM Parity Check Status * Transducer Hermetically Sealed at Wafer Level for Superior Reliability * Robust Design, High Shocks Survivability Typical Applications * Vibration Monitoring and Recording * Impact Monitoring * Appliance Control * Mechanical Bearing Monitoring * Computer Hard Drive Protection * Computer Mouse and Joysticks * Virtual Reality Input Devices * Sports Diagnostic Devices and Systems
MMA2202D
MMA2202D: X AXIS SENSITIVITY MICROMACHINED ACCELEROMETER 50g
16 9 1 8
16 LEAD SOIC CASE 475-01
Pin Assignment N/C N/C N/C ST VOUT STATUS VSS VDD 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 N/C N/C N/C N/C N/C N/C N/C N/C
SIMPLIFIED ACCELEROMETER FUNCTIONAL BLOCK DIAGRAM
VDD G-CELL SENSOR INTEGRATOR GAIN FILTER TEMP COMP VOUT
ST
SELF-TEST
CONTROL LOGIC & EPROM TRIM CIRCUITS
OSCILLATOR
CLOCK GEN.
VSS
STATUS
Figure 1. Simplified Accelerometer Functional Block Diagram
REV 0
Motorola Sensor Device Data (c) Motorola, Inc. 2001
1
MMA2202D
MAXIMUM RATINGS (Maximum ratings are the limits to which the device can be exposed without causing permanent damage.)
Rating Powered Acceleration (all axes) Unpowered Acceleration (all axes) Supply Voltage Drop Test(1) Symbol Gpd Gupd VDD Ddrop Tstg Value 500 2000 -0.3 to +7.0 1.2 -40 to +105 Unit g g V m C
Storage Temperature Range NOTES: 1. Dropped onto concrete surface from any axis.
ELECTRO STATIC DISCHARGE (ESD)
WARNING: This device is sensitive to electrostatic discharge. Although the Motorola accelerometers contain internal 2kV ESD protection circuitry, extra precaution must be taken by the user to protect the chip from ESD. A charge of over
2000 volts can accumulate on the human body or associated test equipment. A charge of this magnitude can alter the performance or cause failure of the chip. When handling the accelerometer, proper ESD precautions should be followed to avoid exposing the device to discharges which may be detrimental to its performance.
2
Motorola Sensor Device Data
MMA2202D
OPERATING CHARACTERISTICS
(Unless otherwise noted: -40C v TA v +85C, 4.75 v VDD v 5.25, Acceleration = 0g, Loaded output(1)) Characteristic Operating Range(2) Supply Voltage(3) Supply Current Operating Temperature Range Acceleration Range Output Signal Zero g (VDD = 5.0 V)(4) Zero g Sensitivity (TA = 25C, VDD = 5.0 V)(5) Sensitivity Bandwidth Response Nonlinearity Noise RMS (.01-1 kHz) Power Spectral Density Clock Noise (without RC load on output)(6) Self-Test Output Response Input Low Input High Input Loading(7) Response Time(8) Status(12)(13) Output Low (Iload = 100 A) Output High (Iload = 100 A) Minimum Supply Voltage (LVD Trip) Clock Monitor Fail Detection Frequency Output Stage Performance Electrical Saturation Recovery Time(9) Full Scale Output Range (IOUT = 200 A) Capacitive Load Drive(10) Output Impedance Mechanical Characteristics Transverse Sensitivity(11) Package Resonance Symbol VDD IDD TA gFS VOFF VOFF,V S SV f-3dB NLOUT nRMS nPSD nCLK gST VIL VIH IIN tST VOL VOH VLVD fmin tDELAY VFSO CL ZO VZX,YX fPKG Min 4.75 4.0 *40 -- 2.3 0.44 VDD 37 7.4 360 *1.0 -- -- -- 10 VSS 0.7 x VDD *30 -- -- VDD *.8 2.7 150 -- 0.3 -- -- -- -- Typ 5.00 5.0 -- 47 2.5 0.50 VDD 40 8 400 -- -- 110 2.0 12 -- -- *110 2.0 -- -- 3.25 -- 0.2 -- -- 300 -- 10 Max 5.25 6.0 +85 -- 2.7 0.56 VDD 43 8.6 440 +1.0 2.8 -- -- 14 0.3 x VDD VDD *300 10 0.4 -- 4.0 400 -- VDD *0.3 100 -- 5.0 -- Unit V mA C g V V mV/g mV/g/V Hz % FSO mVrms V/(Hz1/2) mVpk g V V A ms V V V kHz ms V pF % FSO kHz
NOTES: 1. For a loaded output the measurements are observed after an RC filter consisting of a 1 k resistor and a 0.01 F capacitor to ground. 2. These limits define the range of operation for which the part will meet specification. 3. Within the supply range of 4.75 and 5.25 volts, the device operates as a fully calibrated linear accelerometer. Beyond these supply limits the device may operate as a linear device but is not guaranteed to be in calibration. 4. The device can measure both + and * acceleration. With no input acceleration the output is at midsupply. For positive acceleration the output will increase above VDD/2 and for negative acceleration the output will decrease below VDD/2. 5. The device is calibrated at 20g. 6. At clock frequency ^ 70 kHz. 7. The digital input pin has an internal pull-down current source to prevent inadvertent self test initiation due to external board level leakages. 8. Time for the output to reach 90% of its final value after a self-test is initiated. 9. Time for amplifiers to recover after an acceleration signal causing them to saturate. 10. Preserves phase margin (60) to guarantee output amplifier stability. 11. A measure of the device's ability to reject an acceleration applied 90 from the true axis of sensitivity. 12. The Status pin output is not valid following power-up until at least one rising edge has been applied to the self-test pin. The Status pin is high whenever the self-test input is high. 13. The Status pin output latches high if a Low Voltage Detection or Clock Frequency failure occurs, or the EPROM parity changes to odd. The Status pin can be reset by a rising edge on self-test, unless a fault condition continues to exist.
Motorola Sensor Device Data
3
MMA2202D PRINCIPLE OF OPERATION
The Motorola accelerometer is a surface-micromachined integrated-circuit accelerometer. The device consists of a surface micromachined capacitive sensing cell (g-cell) and a CMOS signal conditioning ASIC contained in a single integrated circuit package. The sensing element is sealed hermetically at the wafer level using a bulk micromachined "cap'' wafer. The g-cell is a mechanical structure formed from semiconductor materials (polysilicon) using semiconductor processes (masking and etching). It can be modeled as two stationary plates with a moveable plate in-between. The center plate can be deflected from its rest position by subjecting the system to an acceleration (Figure 2). When the center plate deflects, the distance from it to one fixed plate will increase by the same amount that the distance to the other plate decreases. The change in distance is a measure of acceleration. The g-cell plates form two back-to-back capacitors (Figure 3). As the center plate moves with acceleration, the distance between the plates changes and each capacitor's value will change, (C = A/D). Where A is the area of the plate, is the dielectric constant, and D is the distance between the plates. The CMOS ASIC uses switched capacitor techniques to measure the g-cell capacitors and extract the acceleration data from the difference between the two capacitors. The ASIC also signal conditions and filters (switched capacitor) the signal, providing a high level output voltage that is ratiometric and proportional to acceleration. Acceleration Self-Test The sensor provides a self-test feature that allows the verification of the mechanical and electrical integrity of the accelerometer at any time before or after installation. This feature is critical in applications such as automotive airbag systems where system integrity must be ensured over the life of the vehicle. A fourth "plate'' is used in the g-cell as a self- test plate. When the user applies a logic high input to the self-test pin, a calibrated potential is applied across the self-test plate and the moveable plate. The resulting electrostatic force (Fe = 1/2 AV2/d2) causes the center plate to deflect. The resultant deflection is measured by the accelerometer's control ASIC and a proportional output voltage results. This procedure assures that both the mechanical (g-cell) and electronic sections of the accelerometer are functioning. Ratiometricity Ratiometricity simply means that the output offset voltage and sensitivity will scale linearly with applied supply voltage. That is, as you increase supply voltage the sensitivity and offset increase linearly; as supply voltage decreases, offset and sensitivity decrease linearly. This is a key feature when interfacing to a microcontroller or an A/D converter because it provides system level cancellation of supply induced errors in the analog to digital conversion process. Status Motorola accelerometers include fault detection circuitry and a fault latch. The Status pin is an output from the fault latch, OR'd with self-test, and is set high whenever one (or more) of the following events occur: * Supply voltage falls below the Low Voltage Detect (LVD) voltage threshold * Clock oscillator falls below the clock monitor minimum frequency * Parity of the EPROM bits becomes odd in number. The fault latch can be reset by a rising edge on the self- test input pin, unless one (or more) of the fault conditions continues to exist.
Figure 2. Transducer Physical Model
Figure 3. Equivalent Circuit Model
BASIC CONNECTIONS
Pinout Description
N/C N/C N/C ST VOUT STATUS VSS VDD 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 N/C N/C N/C N/C N/C N/C N/C N/C
SPECIAL FEATURES
Filtering The Motorola accelerometers contain an onboard 4-pole switched capacitor filter. A Bessel implementation is used because it provides a maximally flat delay response (linear phase) thus preserving pulse shape integrity. Because the filter is realized using switched capacitor techniques, there is no requirement for external passive components (resistors and capacitors) to set the cut-off frequency.
4
Motorola Sensor Device Data
MMA2202D
Pin No. 1 thru 3 4 5 6 7 8 9 thru 13 14 thru 16 Pin Name -- ST VOUT STATUS VSS VDD Trim pins -- Description No internal connection. Leave unconnected. Logic input pin used to initiate self-test. Output voltage of the accelerometer. Logic output pin to indicate fault. The power supply ground. The power supply input. Used for factory trim. Leave unconnected. No internal connection. Leave unconnected.
PCB Layout
STATUS ACCELEROMETER ST VOUT VSS VDD R 1 k C 0.1 F VRH C 0.1 F C 0.01 F P1 P0 A/D IN MICROCONTROLLER
VSS C 0.1 F VDD
POWER SUPPLY
VDD
LOGIC INPUT
MMA2202D 4 ST 8 VDD VOUT
6 R1 1 k
STATUS OUTPUT SIGNAL
Figure 5. Recommend PCB Layout for Interfacing Accelerometer to Microcontroller NOTES: * Use a 0.1 F capacitor on VDD to decouple the power source. * Physical coupling distance of the accelerometer to the microcontroller should be minimal. * Place a ground plane beneath the accelerometer to reduce noise, the ground plane should be attached to all of the open ended terminals shown in Figure 5. * Use an RC filter of 1 k and 0.01 F on the output of the accelerometer to minimize clock noise (from the switched capacitor filter circuit). * PCB layout of power and ground should not couple power supply noise. * Accelerometer and microcontroller should not be a high current path. * A/D sampling rate and any external power supply switching frequency should be selected such that they do not interfere with the internal accelerometer sampling frequency. This will prevent aliasing errors.
5
C1 0.1 F 7 VSS
C2 0.01 F
Figure 4. SOIC Accelerometer with Recommended Connection Diagram
Motorola Sensor Device Data
5
MMA2202D
Positive Acceleration Sensing Direction
-X
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
+X
16-Pin SOIC Package
N/C pins are recommended to be left FLOATING
Top View
87
6
5
4
3
2
1 Direction of Earth's gravity field.*
9 10 11 12 13 14 15 16
Front View
Side View
* When positioned as shown, the Earth's gravity will result in a positive 1g output
ORDERING INFORMATION
Device MMA2202D Temperature Range *40 to +85C Case No. Case 475-01 Package SOIC-16
6
Motorola Sensor Device Data
MMA2202D PACKAGE DIMENSIONS
-A-
16 9
-B-
1 8
P 8 PL 0.13 (0.005)
M
TA
M
B
M
D 16 PL 0.13 (0.005)
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 10.15 10.45 7.40 7.60 3.30 3.55 0.35 0.49 0.76 1.14 1.27 BSC 0.25 0.32 0.10 0.25 0_ 7_ 10.16 10.67 0.25 0.75 INCHES MIN MAX 0.400 0.411 0.292 0.299 0.130 0.140 0.014 0.019 0.030 0.045 0.050 BSC 0.010 0.012 0.004 0.009 0_ 7_ 0.400 0.420 0.010 0.029
TA
M
B
M
R K C -T-
SEATING PLANE
X 45 _
J M
K
G
F
CASE 475-01 ISSUE A 16 LEAD SOIC
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total design. The footprint for the surface mount packages must be the correct size to ensure proper solder connection interface between the board and the package. With the correct footprint, the packages will self-align when subjected to a solder reflow process. It is always recommended to design boards with a solder mask layer to avoid bridging and shorting between solder pads.
0.380 in. 9.65 mm
0.050 in. 1.27 mm
0.024 in. 0.610 mm
0.080 in. 2.03 mm
Figure 6. Footprint SOIC-16 (Case 475-01)
Motorola Sensor Device Data
7
MMA2202D
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Technical Information Center: 1-800-521-6274
JAPAN: Motorola Japan Ltd.; SPS, Technical Information Center, 3-20-1, Minami-Azabu. Minato-ku, Tokyo 106-8573 Japan. 81-3-3440-3569 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Centre, 2, Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong. 852-26668334
HOME PAGE: http://www.motorola.com/semiconductors/
8
Motorola Sensor Device Data
MMA2202D/D


▲Up To Search▲   

 
Price & Availability of MMA2202D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X